PART |
Description |
Maker |
DIN-48FR-S33-A1C2 |
DIN TYPE 1/2 R FEMALE
|
Adam Technologies, Inc.
|
DIN-32FS-S32-A1CX |
DIN TYPE C FEMALE
|
Adam Technologies, Inc.
|
DBCDINF16BA1S2 DBCDINF16BA1S3 DBCDINF16BAB1S2 DBCD |
DIN 41612 TYPE B - FEMALE
|
Dubilier
|
DIN-32FS-L32-B1CX-PF |
DIN TYPE C FEMALE 32 PINS
|
Adam Technologies, Inc.
|
DBCDINF64QA1RA2 DBCDINF64QA1RA3 DBCDINF64QAB1RA2 D |
DIN 41612 TYPE Q (REVERSED) - FEMALE
|
Dubilier
|
PE91029 |
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
|
Pasternack Enterprises, Inc.
|
BCR30AM-12 BCR30AM-12L BCR30AM-8 BCR30AM-8L BCR30A |
DIN Audio Connector; No. of Contacts:8; Contact Termination:Solder; Gender:Female RoHS Compliant: Yes Triac 30 Ampere/400-600 Volts 三端双向可控0 Ampere/400-600伏特 DIN Audio Connector; No. of Contacts:7; Contact Termination:Solder; Mounting Type:Cable; Gender:Female; Terminal Type:Solder RoHS Compliant: Yes 400 V, 30 A, TRIAC
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semiconductor...
|
PE9410 |
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
|
Pasternack Enterprises, Inc.
|
PE9556 |
7/16 DIN Tee Adapter Female-Female-Female
|
Pasternack Enterprises,...
|
PE7321-3 |
3 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE7333-10 |
10 dB Fixed Attenuator, 7/16 DIN Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|